Part Number Hot Search : 
70217 W1616 2SC5129 1C220 AK4223 SM6104P 7421FC ILA7052
Product Description
Full Text Search
 

To Download 5KP70A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load, for capacitive load, derate current by 20%. 5kp5.0 thru 5kp180ca r-6 dimensions in inches and (millimeters) devices for bipolar applications for bidirectional use c or ca suffix (e.g. 5kp5.0c, 5kp180ca). electrical characteristics apply in both directions notes : 2. mounted on copper leaf area of 0.8 x 0.8*( 20 x 20mm ) per fig. 5 1. non-repetitive current pulse, per fig.3 and derated above t a = 25 o c per fig.2. t j , t stg -55 to + 175 0 c operating and storage temperature range peak forward surge current, 8.3ms single half sine-wave superimposed on rated load( jedec method ) (note 3) steady state power dissipation at t l = 75 o c lead lengths .375"(9.5mm) (note 2) symbol p m(av) i fsm amps units maximum instantaneous forward voltage at 100a for unidirectional only watts peak pulse power dissipation on 10/1000 s waveform (note1,fig.1) minimum 5000 8.0 400 value p ppm watts v f 3.5 volts rectifier specialists r dc components co., l td. vol t age range - 5.0 to 180 v olts pea k pulse power - 5000 w atts technical specifica tions of transient vol t age suppressor features * glass passivated junction * 5000 watts peak pulse power capability on 10/1000 s waveform * excellent clamping capability * low zener impedance * fast response time mechanical data * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: mil-std-202e, method 208 guaranteed * polarity: color band denotes positive end (cathode) except bidirectional types * mounting position: any * weight: 2.1 gram 180
r dc components co., l td. rating and characteristic curves ( 5kp5.0 thru 5kp180ca ) 181
r dc components co., l td. 5kp (50 0 0w) series transient voltage suppressors 182
r dc components co., l td. 5kp (50 0 0w) series transient voltage suppressors 1.v br measured after i t applied for 300s. i t = square wave pulse or equivalent. 2.for bidirectonal use c or ca suffixs for all types (ex. 5kp5.0c, 5kp180ca). electrical characteristics apply in both directions. 3.for bidirectional types having v wm of 10 volts and less, the i d limit is doubled. notes : 5kp36 40.0 48.9 5.0 36.0 10 78 64.3 5kp36a 40.0 44.2 5.0 36.0 10 86 58.1 5kp40 44.4 54.3 5.0 40.0 10 70 71.4 5kp40a 44.4 49.1 5.0 40.0 10 78 64.5 5kp43 47.8 58.4 5.0 43.0 10 65 76.7 5kp43a 47.8 52.8 5.0 43.0 10 62 80.3 5kp45 50.0 61.1 5.0 45.0 10 62 80.3 5kp45a 50.0 55.3 5.0 45.0 10 69 72.7 5kp48 53.3 65.2 5.0 48.0 10 58 85.5 5kp48a 53.3 58.9 5.0 48.0 10 65 77.4 5kp51 56.7 69.3 5.0 51.0 10 55 91.1 5kp51a 56.7 62.7 5.0 51.0 10 61 82.4 5kp54 60.0 73.3 5.0 54.0 10 52 96.3 5kp54a 60.0 66.3 5.0 54.0 10 49 87.1 5kp58 64.4 66.3 5.0 58.0 10 49 103 5kkp58a 64.4 71.2 5.0 58.0 10 53 93.6 5kp60 66.7 81.5 5.0 60.0 10 47 107 5kp60a 66.7 73.7 5.0 60.0 10 52 96.8 5kp64 71.1 86.9 5.0 64.0 10 44 114 5kp64a 71.1 78.6 5.0 64.0 10 49 103 5kp70 77.8 95.1 5.0 70.0 10 40 125 5KP70A 77.8 86.0 5.0 70.0 10 44 113 5kp75 83.3 102 5.0 75.0 10 37 134 5kp75a 83.3 92.1 5.0 75.0 10 41 121 5kp78 86.7 106 5.0 78.0 10 36 139 5kp78a 86.7 95.8 5.0 78.0 10 40 126 5kp85 94.4 115 5.0 85.0 10 33 151 5kp85a 94.4 104 5.0 85.0 10 36 137 5kp90 100 122 5.0 90.0 10 31 160 5kp90a 100 111 5.0 90.0 10 34 146 5kp100 111 136 5.0 100 10 28 179 5kp100a 111 123 5.0 100 10 31 162 5kp110 122 149 5.0 110 10 26 196 5kp110a 122 135 5.0 110 10 28 177 5kp120 133 163 5.0 120 10 23 215 5kp120a 133 148 5.0 120 10 26 194 5kp150 166 204 5.0 150 10 19 269 5kp150a 166 186 5.0 150 10 21 242 5kp160 178 217 5.0 160 10 17 285 5kp160a 178 196 5.0 160 10 19 285 5kp170 189 230 5.0 170 10 17 302 5kp170a 189 208 5.0 170 10 18 273 5kp180 200 245 5.0 180 10 16 322 5kp180a 200 222 5.0 180 10 17 292 183


▲Up To Search▲   

 
Price & Availability of 5KP70A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X